Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 412 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp H8S/2111B Datasheet HTML 411Page - Renesas Technology Corp H8S/2111B Datasheet HTML 412Page - Renesas Technology Corp H8S/2111B Datasheet HTML 413Page - Renesas Technology Corp H8S/2111B Datasheet HTML 414Page - Renesas Technology Corp H8S/2111B Datasheet HTML 415Page - Renesas Technology Corp H8S/2111B Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 582 page
background image
Rev. 1.00, 05/04, page 378 of 544
R/W
Bit
Bit Name
Initial
Value Slave Host
Description
3
IBFIE3
0
R/W —
IDR3 and TWR Receive Completion Interrupt Enable
Enables or disables IBFI3 interrupt to the slave
processor (this LSI).
0: Input data register IDR3 and TWR receive completed
interrupt requests disabled
1: [When TWRIE = 0 in LADR3]
Input data register (IDR3) receive completed interrupt
requests enabled
[When TWRIE = 1 in LADR3]
Input data register (IDR3) and TWR receive completed
interrupt requests enabled
2
IBFIE2
0
R/W —
IDR2 Receive Completion Interrupt Enable
Enables or disables IBFI2 interrupt to the slave
processor (this LSI).
0: Input data register (IDR2) receive completed interrupt
requests disabled
1: Input data register (IDR2) receive completed interrupt
requests enabled
1
IBFIE1
0
R/W —
IDR1 Receive Completion Interrupt Enable
Enables or disables IBFI1 interrupt to the slave
processor (this LSI).
0: Input data register (IDR1) receive completed interrupt
requests disabled
1: Input data register (IDR1) receive completed interrupt
requests enabled
0
ERRIE
0
R/W —
Error Interrupt Enable
Enables or disables ERRI interrupt to the slave
processor (this LSI).
0: Error interrupt requests disabled
1: Error interrupt requests enabled
Note:
*
Only 0 can be written to bits 6 to 4, to clear the flag.
• HICR3
R/W
Bit
Bit Name Initial Value Slave Host Description
7
LFRAME
Undefined
R
—
LFRAME Pin Monitor
6
CLKRUN Undefined
R
—
CLKRUN Pin Monitor
5
SERIRQ
Undefined
R
—
SERIRQ Pin Monitor
4
LRESET
Undefined
R
—
LRESET Pin Monitor
3
LPCPD
Undefined
R
—
LPCPD Pin Monitor
2
PME
Undefined
R
—
PME Pin Monitor
1
LSMI
Undefined
R
—
LSMI Pin Monitor
0
LSCI
Undefined
R
—
LSCI Pin Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com