| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 414 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 414 Page - Renesas Technology Corp |
|
414 / 582 page ![]() Rev. 1.00, 05/04, page 380 of 544 Table 15.2 Register Selection I/O Address Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Transfer Cycle Host Register Selection Bit 4 Bit 3 0 Bit 1 0 I/O write IDR3 write, C/ D3 ← 0 Bit 4 Bit 3 1 Bit 1 0 I/O write IDR3 write, C/ D3 ← 1 Bit 4 Bit 3 0 Bit 1 0 I/O read ODR3 read Bit 4 Bit 3 1 Bit 1 0 I/O read STR3 read Bit 4 0 0 0 0 I/O write TWR0MW write 0 0 0 1 Bit 4 1 1 1 1 I/O write TWR1 to TWR15 write Bit 4 0 0 0 0 I/O read TWR0SW read 0 0 0 1 I/O read Bit 4 1 1 1 1 TWR1 to TWR15 read 15.3.4 Input Data Registers 1 to 3 (IDR1 to IDR3) The IDR registers are 8-bit read-only registers for the slave processor (this LSI), and 8-bit write- only registers for the host processor. The registers selected from the host according to the I/O address are shown in the following table. For information on IDR3 selection, see section 15.3.3, LPC Channel 3 Address Register (LADR3). Data transferred in an LPC I/O write cycle is written to the selected register. The state of bit 2 of the I/O address is latched into the C/ D bit in STR, to indicate whether the written information is a command or data. The initial values of IDR1 to IDR3 are undefined. I/O Address Bits 15 to 4 Bit 3 Bit 2 Bit 1 Bit 0 Transfer Cycle Host Register Selection 0000 0000 0110 0 0 0 0 I/O write IDR1 write, C/ D1 ← 0 0000 0000 0110 0 1 0 0 I/O write IDR1 write, C/ D1 ← 1 0000 0000 0110 0 0 1 0 I/O write IDR2 write, C/ D2 ← 0 0000 0000 0110 0 1 1 0 I/O write IDR2 write, C/ D2 ← 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |