Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 456 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 452Page - Renesas Technology Corp H8S/2111B Datasheet HTML 453Page - Renesas Technology Corp H8S/2111B Datasheet HTML 454Page - Renesas Technology Corp H8S/2111B Datasheet HTML 455Page - Renesas Technology Corp H8S/2111B Datasheet HTML 456Page - Renesas Technology Corp H8S/2111B Datasheet HTML 457Page - Renesas Technology Corp H8S/2111B Datasheet HTML 458Page - Renesas Technology Corp H8S/2111B Datasheet HTML 459Page - Renesas Technology Corp H8S/2111B Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 582 page
background image
Rev. 1.00, 05/04, page 422 of 544
Table 16.3
A/D Conversion Time (Single Mode)
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start delay
time
t
D
10
—
17
6
—
9
Input sampling time
t
SPL
—
63
—
—
31
—
A/D conversion time
t
CONV
259
—
266
131
—
134
Note:
*
Values in the table indicate the number of states.
16.4.4
External Trigger Input Timing
A/D conversion can be externally triggered. When the TRGS1 and TRGS0 bits are set to B'11 in
ADCR, external trigger input is enabled at the
ADTRG pin. A falling edge at the ADTRG pin sets
the ADST bit to 1 in ADCSR, starting A/D conversion. Other operations, in both single and scan
modes, are the same as when the ADST bit has been set to 1 by software. Figure 16.4 shows the
timing.
A/D conversion
φ
ADTRG
Internal trigger
signal
ADST
Figure 16.4 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com