Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 459 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 455Page - Renesas Technology Corp H8S/2111B Datasheet HTML 456Page - Renesas Technology Corp H8S/2111B Datasheet HTML 457Page - Renesas Technology Corp H8S/2111B Datasheet HTML 458Page - Renesas Technology Corp H8S/2111B Datasheet HTML 459Page - Renesas Technology Corp H8S/2111B Datasheet HTML 460Page - Renesas Technology Corp H8S/2111B Datasheet HTML 461Page - Renesas Technology Corp H8S/2111B Datasheet HTML 462Page - Renesas Technology Corp H8S/2111B Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 582 page
background image
Rev. 1.00, 05/04, page 425 of 544
16.7
Usage Notes
16.7.1
Permissible Signal Source Impedance
This LSI's analog input (3-V version) is designed so that the conversion accuracy is guaranteed for
an input signal for which the signal source impedance is 5 k
Ω or less. This specification is
provided to enable the A/D converter's sample-and-hold circuit input capacitance to be charged
within the sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be
insufficient and it may not be possible to guarantee the A/D conversion accuracy. However, if a
large capacitance is provided externally in single mode, the input load will essentially comprise
only the internal input resistance of 10 k
Ω, and the signal source impedance is ignored. However,
since a low-pass filter effect is obtained in this case, it may not be possible to follow an analog
signal with a large differential coefficient (e.g., voltage fluctuation ratio of 5 mV/µs or greater)
(see figure 16.7). When converting a high-speed analog signal or converting in scan mode, a low-
impedance buffer should be inserted.
16.7.2
Influences on Absolute Accuracy
Adding capacitance results in coupling with ground, and therefore noise in ground may adversely
affect the absolute accuracy. Be sure to make the connection to an electrically stable ground such
as AVss.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, so acting as antennas.
A/D converter equivalent circuit
This LSI
20 pF
Cin =
15 pF
10 k
Ω
to 5 k
Ω
Low-pass
filter
C to 0.1 µF
Sensor output
impedance
Sensor input
Figure 16.7 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com