| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 452 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 452 Page - Renesas Technology Corp |
|
452 / 582 page ![]() Rev. 1.00, 05/04, page 418 of 544 Bit Bit Name Initial Value R/W Description Channel Select 2 to 0 Select analog input channels. The input channel setting must be made when conversion is halted (ADST = 0). 2 1 0 CH2 CH1 CH0 0 0 0 R/W R/W R/W When SCAN = 0: 000: AN0 001: AN1 010: AN2 011: AN3 100: AN4 101: AN5 110: Setting prohibited 111: Setting prohibited When SCAN = 1: 000: AN0 001: AN0 and AN1 010: AN0 to AN2 011: AN0 to AN3 100: AN4 101: AN4 and AN5 110: Setting prohibited 111: Setting prohibited Note: * Only 0 can be written for clearing the flag. 16.3.3 A/D Control Register (ADCR) ADCR enables A/D conversion started by an external trigger signal. Bit Bit Name Initial Value R/W Description 7 6 TRGS1 TRGS0 0 0 R/W R/W Timer Trigger Select 1 and 0 Enable the start of A/D conversion by a trigger signal. Only set bits TRGS1 and TRGS0 when conversion is halted (ADST = 0). 00: A/D conversion start by external trigger is disabled 01: A/D conversion start by external trigger is disabled 10: A/D conversion start by conversion trigger from TMR is enabled 11: A/D conversion start by ADTRG pin is enabled 5 to 0 — All 1 R Reserved These bits are always read as 1 and cannot be modified. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |