Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 461 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 457Page - Renesas Technology Corp H8S/2111B Datasheet HTML 458Page - Renesas Technology Corp H8S/2111B Datasheet HTML 459Page - Renesas Technology Corp H8S/2111B Datasheet HTML 460Page - Renesas Technology Corp H8S/2111B Datasheet HTML 461Page - Renesas Technology Corp H8S/2111B Datasheet HTML 462Page - Renesas Technology Corp H8S/2111B Datasheet HTML 463Page - Renesas Technology Corp H8S/2111B Datasheet HTML 464Page - Renesas Technology Corp H8S/2111B Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 582 page
background image
Rev. 1.00, 05/04, page 427 of 544
AV
CC
*1
AN0 to AN5
AV
SS
Notes:
Values are reference values.
2. Rin: Input impedance
1.
*1
Rin*
2
100
Ω
0.1 µF
0.01 µF
10 µF
AV
ref
Figure 16.8 Example of Analog Input Protection Circuit
20 pF
To A/D converter
AN0 to AN5
10 k
Ω
Note: * Values are reference values.
Figure 16.9 Equivalent Circuit of Analog Input Pin
16.7.6
Module Stop Mode Setting
A/D converter operation can be enabled or disabled using the module stop control register. The
initial setting is for A/D converter operation to be halted. Register access is enabled by canceling
module stop mode. For details, refer to section 20, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com