Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 465 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 461Page - Renesas Technology Corp H8S/2111B Datasheet HTML 462Page - Renesas Technology Corp H8S/2111B Datasheet HTML 463Page - Renesas Technology Corp H8S/2111B Datasheet HTML 464Page - Renesas Technology Corp H8S/2111B Datasheet HTML 465Page - Renesas Technology Corp H8S/2111B Datasheet HTML 466Page - Renesas Technology Corp H8S/2111B Datasheet HTML 467Page - Renesas Technology Corp H8S/2111B Datasheet HTML 468Page - Renesas Technology Corp H8S/2111B Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 582 page
background image
ROMF360A_010020040200
Rev. 1.00, 05/04, page 431 of 544
Section 18 ROM
This LSI has an on-chip ROM (flash memory). The features of the flash memory are summarized
below.
A block diagram of the flash memory is shown in figure 18.1.
18.1
Features
• Size
Product Classification
ROM Capacitance
ROM Address
H8S/2111B
64 Kbytes
H'000000 to H'00FFFF (mode 2)
H'0000 to H'DFFF (mode 3)
• Programming/erase methods
The flash memory is programmed 128 bytes at a time. Erase is performed in single-block units.
The flash memory is configured as follows:
 8 Kbytes × 2 blocks, 16 Kbytes × 1 block, 28 Kbytes × 1 block, and 1 Kbyte × 4 blocks
To erase the entire flash memory, each block must be erased in turn.
• Programming/erase time
It takes 10 ms (typ.) to program the flash memory 128 bytes at a time; 80 µs (typ.) per 1 byte.
Erasing one block takes 100 ms (typ.).
• Reprogramming capability
The flash memory can be reprogrammed up to 100 times.
• Two flash memory on-board programming modes
 Boot mode
 User program mode
On-board programming/erasing can be done in boot mode in which the boot program built into
the chip is started for erase or programming of the entire flash memory. In user program mode,
individual blocks can be erased or programmed.
• Automatic bit rate adjustment
With data transfer in boot mode, this LSI's bit rate can be automatically adjusted to match the
transfer bit rate of the host.
• Programming/erasing protection
Sets protection against flash memory programming/erasing via hardware, software, or error
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com