Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 467 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 467 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 463Page - Renesas Technology Corp H8S/2111B Datasheet HTML 464Page - Renesas Technology Corp H8S/2111B Datasheet HTML 465Page - Renesas Technology Corp H8S/2111B Datasheet HTML 466Page - Renesas Technology Corp H8S/2111B Datasheet HTML 467Page - Renesas Technology Corp H8S/2111B Datasheet HTML 468Page - Renesas Technology Corp H8S/2111B Datasheet HTML 469Page - Renesas Technology Corp H8S/2111B Datasheet HTML 470Page - Renesas Technology Corp H8S/2111B Datasheet HTML 471Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 582 page
background image
Rev. 1.00, 05/04, page 433 of 544
18.2
Mode Transitions
When the mode pins are set in the reset state and a reset-start is executed, this LSI enters an
operating mode as shown in figure 18.2. In user mode, flash memory can be read but not
programmed or erased. The boot, user program, and programmer modes are provided as modes to
write and erase the flash memory.
The differences between boot mode and user program mode are shown in table 18.1. Figure 18.3
shows the boot mode and figure 18.4 shows the user program mode.
RES = 0
FLSHE = 1
SWE = 1
FLSHE = 0
SWE = 0
*1
*2
MD1
= 1
RES
= 0
Boot mode
On-board programming mode
User
program
mode
User mode
(on-chip ROM
enabled)
Reset state
Programmer
mode
Notes: Only make a transition between user mode
and user program mode when the CPU is not
accessing the flash memory.
1. MD1 = MD0 = 0, P92 = P91 = P90 = 1
2. MD1 = MD0 = 0, P92 = 0, P91 = P90 = 1
Figure 18.2 Flash Memory State Transitions
Table 18.1
Differences between Boot Mode and User Program Mode
Boot Mode
User Program Mode
Total erase
Yes
Yes
Block erase
No
Yes
Programming control program*
Program/program-verify
Program/program-verify
Erase/erase-verify
Note:
*
Should be provided by the user, in accordance with the recommended algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com