Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 471 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 467Page - Renesas Technology Corp H8S/2111B Datasheet HTML 468Page - Renesas Technology Corp H8S/2111B Datasheet HTML 469Page - Renesas Technology Corp H8S/2111B Datasheet HTML 470Page - Renesas Technology Corp H8S/2111B Datasheet HTML 471Page - Renesas Technology Corp H8S/2111B Datasheet HTML 472Page - Renesas Technology Corp H8S/2111B Datasheet HTML 473Page - Renesas Technology Corp H8S/2111B Datasheet HTML 474Page - Renesas Technology Corp H8S/2111B Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 582 page
background image
Rev. 1.00, 05/04, page 437 of 544
18.4
Input/Output Pins
The flash memory is controlled by means of the pins shown in table 18.2.
Table 18.2
Pin Configuration
Pin Name
I/O
Function
RES
Input
Reset
MD1
Input
Sets this LSI's operating mode
MD0
Input
Sets this LSI's operating mode
P92
Input
Sets this LSI's operating mode
P91
Input
Sets this LSI's operating mode
P90
Input
Sets this LSI's operating mode
TxD1
Output
Serial transmit data output
RxD1
Input
Serial receive data input
18.5
Register Descriptions
The flash memory has the following registers. To access FLMCR1, FLMCR2, EBR1, or EBR2,
the FLSHE bit in the serial/timer control register (STCR) should be set to 1. For details on the
serial/timer control register, refer to section 3.2.3, Serial Timer Control Register (STCR).
• Flash memory control register 1 (FLMCR1)
• Flash memory control register 2 (FLMCR2)
• Erase block register 1 (EBR1)
• Erase block register 2 (EBR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com