Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 490 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 486Page - Renesas Technology Corp H8S/2111B Datasheet HTML 487Page - Renesas Technology Corp H8S/2111B Datasheet HTML 488Page - Renesas Technology Corp H8S/2111B Datasheet HTML 489Page - Renesas Technology Corp H8S/2111B Datasheet HTML 490Page - Renesas Technology Corp H8S/2111B Datasheet HTML 491Page - Renesas Technology Corp H8S/2111B Datasheet HTML 492Page - Renesas Technology Corp H8S/2111B Datasheet HTML 493Page - Renesas Technology Corp H8S/2111B Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 582 page
background image
Rev. 1.00, 05/04, page 456 of 544
19.1
Oscillator
Clock pulses can be supplied either by connecting a crystal resonator, or by providing external
clock input.
19.1.1
Connecting Crystal Resonator
Figure 19.2 shows a typical method of connecting a crystal resonator. An appropriate damping
resistance R
d, given in table 19.1, should be used. An AT-cut parallel-resonance crystal resonator
should be used.
Figure 19.3 shows the equivalent circuit of a crystal resonator. A resonator having the
characteristics given in table 19.2 should be used.
A crystal resonator with frequency identical to that of the system clock (
φ) should be used.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 10 to 22 pF
Figure 19.2 Typical Connection to Crystal Resonator
Table 19.1
Damping Resistance Values
Frequency (MHz)
4
8
10
R
d (Ω)
500
200
0
XTAL
CL
AT-cut parallel-resonance crystal resonator
EXTAL
C0
LRs
Figure 19.3 Equivalent Circuit of Crystal Resonator
Table 19.2
Crystal Resonator Parameters
Frequency (MHz)
4
8
10
R
S (max) (Ω)
120
80
70
C
0 (max) (pF)
7
7
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com