Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 492 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 488Page - Renesas Technology Corp H8S/2111B Datasheet HTML 489Page - Renesas Technology Corp H8S/2111B Datasheet HTML 490Page - Renesas Technology Corp H8S/2111B Datasheet HTML 491Page - Renesas Technology Corp H8S/2111B Datasheet HTML 492Page - Renesas Technology Corp H8S/2111B Datasheet HTML 493Page - Renesas Technology Corp H8S/2111B Datasheet HTML 494Page - Renesas Technology Corp H8S/2111B Datasheet HTML 495Page - Renesas Technology Corp H8S/2111B Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 582 page
background image
Rev. 1.00, 05/04, page 458 of 544
Table 19.3
External Clock Input Conditions
V
CC =3.0 to 3.6 V
Item
Symbol
Min
Max
Unit
Test Conditions
External clock input pulse
width low level
t
EXL
40
—
ns
External clock input pulse
width high level
t
EXH
40
—
ns
External clock rising time
t
EXr
—
10
ns
External clock falling time
t
EXf
—
10
ns
Figure 19.5
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse width low level t
CL
80
—
ns
φ < 5 MHz
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse width high
level
t
CH
80
—
ns
φ < 5 MHz
Figure 22.5
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 19.5 External Clock Input Timing
The oscillator and duty correction circuit have a function to adjust the waveform of the external
clock input that is input to the EXTAL pin. When a specified clock signal is input to the EXTAL
pin, internal clock signal output is determined after the external clock output stabilization delay
time (t
DEXT) has passed. As the clock signal output is not determined during the tDEXT cycle, a reset
signal should be set to low to hold it in reset state. Table 19.4 shows the external clock output
stabilization delay time. Figure 19.6 shows the timing of the external clock output stabilization
delay time.
Table 19.4
External Clock Output Stabilization Delay Time
Condition: V
CC = 3.0 V to 3.6 V, VSS = 0 V
Item
Symbol
Min.
Max.
Unit
Remarks
External clock output stabilization delay
time
t
DEXT*
500
—
µs
Figure 19.6
Note:
*
t
DEXT includes a RES pulse width (tRESW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com