Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 507 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 503Page - Renesas Technology Corp H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp H8S/2111B Datasheet HTML 505Page - Renesas Technology Corp H8S/2111B Datasheet HTML 506Page - Renesas Technology Corp H8S/2111B Datasheet HTML 507Page - Renesas Technology Corp H8S/2111B Datasheet HTML 508Page - Renesas Technology Corp H8S/2111B Datasheet HTML 509Page - Renesas Technology Corp H8S/2111B Datasheet HTML 510Page - Renesas Technology Corp H8S/2111B Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 582 page
background image
Rev. 1.00, 05/04, page 473 of 544
20.6
Hardware Standby Mode
The CPU makes a transition to hardware standby mode from any mode when the
STBY pin is
driven low.
In hardware standby mode, all functions enter the reset state. As long as the prescribed voltage is
supplied, on-chip RAM data is retained. The I/O ports are set to the high-impedance state.
In order to retain on-chip RAM data, the RAME bit in SYSCR should be cleared to 0 before
driving the
STBY pin low. Do not change the state of the mode pins (MD1 and MD0) while this
LSI is in hardware standby mode.
Hardware standby mode is cleared by the
STBY pin input or the RES pin input.
When the
STBY pin is driven high while the RES pin is low, clock oscillation is started. Ensure
that the
RES pin is held low until system clock oscillation stabilizes. When the RES pin is
subsequently driven high after the clock oscillation stabilization time has passed, reset exception
handling starts.
Figure 20.4 shows an example of hardware standby mode timing.
Oscillator
RES
STBY
Oscillation
stabilization
time
Reset
exception
handling
Figure 20.4 Hardware Standby Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com