Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 508 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp H8S/2111B Datasheet HTML 505Page - Renesas Technology Corp H8S/2111B Datasheet HTML 506Page - Renesas Technology Corp H8S/2111B Datasheet HTML 507Page - Renesas Technology Corp H8S/2111B Datasheet HTML 508Page - Renesas Technology Corp H8S/2111B Datasheet HTML 509Page - Renesas Technology Corp H8S/2111B Datasheet HTML 510Page - Renesas Technology Corp H8S/2111B Datasheet HTML 511Page - Renesas Technology Corp H8S/2111B Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 582 page
background image
Rev. 1.00, 05/04, page 474 of 544
20.7
Watch Mode
The CPU makes a transition to watch mode when the SLEEP instruction is executed in high-speed
mode or subactive mode with the SSBY bit in SBYCR set to 1, the DTON bit in LPWRCR
cleared to 0, and the PSS bit in TCSR (WDT_1) set to 1.
In watch mode, the CPU is stopped and peripheral modules other than WDT_1 are also stopped.
The contents of the CPU's internal registers, several on-chip peripheral module registers, and on-
chip RAM data are retained and the I/O ports retain their values before transition as long as the
prescribed voltage is supplied.
Watch mode is exited by an interrupt (WOVI1, NMI, IRQ0 to IRQ2, IRQ6, or IRQ7),
RES pin
input, or
STBY pin input.
When an interrupt occurs, watch mode is exited and a transition is made to high-speed mode or
medium-speed mode when the LSON bit in LPWRCR cleared to 0 or to subactive mode when the
LSON bit is set to 1. When a transition is made to high-speed mode, a stable clock is supplied to
the entire LSI and interrupt exception handling starts after the time set in the STS2 to STS0 bits in
SBYCR has elapsed. In the case of an IRQ0 to IRQ2, IRQ6, or IRQ7 interrupt, watch mode is not
exited if the corresponding enable bit has been cleared to 0. In the case of interrupts from the on-
chip peripheral modules, watch mode is not exited if the interrupt enable register has been set to
disable the reception of that interrupt, or the interrupt is masked by the CPU.
When the
RES pin is driven low, system clock oscillation starts. Simultaneously with the start of
system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must
be held low until clock oscillation is stabilized. If the
RES pin is driven high after the clock
oscillation stabilization time has passed, the CPU begins reset exception handling.
If the
STBY pin is driven low, the LSI enters hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com