Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 504 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 500Page - Renesas Technology Corp H8S/2111B Datasheet HTML 501Page - Renesas Technology Corp H8S/2111B Datasheet HTML 502Page - Renesas Technology Corp H8S/2111B Datasheet HTML 503Page - Renesas Technology Corp H8S/2111B Datasheet HTML 504Page - Renesas Technology Corp H8S/2111B Datasheet HTML 505Page - Renesas Technology Corp H8S/2111B Datasheet HTML 506Page - Renesas Technology Corp H8S/2111B Datasheet HTML 507Page - Renesas Technology Corp H8S/2111B Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 582 page
background image
Rev. 1.00, 05/04, page 470 of 544
20.3
Medium-Speed Mode
The CPU makes a transition to medium-speed mode as soon as the current bus cycle ends
according to the setting of the SCK2 to SCK0 bits in SBYCR. In medium-speed mode, the CPU
operates on the operating clock (
φ/2, φ/4, φ/8, φ/16, or φ/32). On-chip peripheral modules other
than the bus masters always operate on the system clock (
φ).
In medium-speed mode, a bus access is executed in the specified number of states with respect to
the bus master operating clock. For example, if
φ/4 is selected as the operating clock, on-chip
memory is accessed in 4 states, and internal I/O registers in 8 states.
By clearing all of bits SCK2 to SCK0 to 0, a transition is made to high-speed mode at the end of
the current bus cycle.
If a SLEEP instruction is executed when the SSBY bit in SBYCR is cleared to 0, and the LSON
bit in LPWRCR is cleared to 0, a transition is made to sleep mode. When sleep mode is cleared by
an interrupt, medium-speed mode is restored. When the SLEEP instruction is executed with the
SSBY bit set to 1, the LSON bit cleared to 0, and the PSS bit in TCSR (WDT_1) cleared to 0,
operation shifts to software standby mode. When software standby mode is cleared by an external
interrupt, medium-speed mode is restored.
When the
RES pin is set low and medium-speed mode is cancelled, operation shifts to the reset
state. The same applies in the case of a reset caused by overflow of the watchdog timer.
When the
STBY pin is driven low, medium-speed mode is cancelled and a transition is made to
hardware standby mode.
Figure 20.2 shows an example of medium-speed mode timing.
φ,
Bus master clock
peripheral module clock
Internal address bus
Internal write signal
Medium-speed mode
SBYCR
SBYCR
Figure 20.2 Medium-Speed Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com