| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 513 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 513 Page - Renesas Technology Corp |
|
513 / 582 page ![]() Rev. 1.00, 05/04, page 479 of 544 Section 21 List of Registers The register list gives information on the on-chip I/O register addresses, how the register bits are configured, and the register states in each operating mode. The information is given as shown below. 1. Register Addresses (address order) • Registers are listed from the lower allocation addresses. • The MSB-side address is indicated for 16-bit addresses. • Registers are classified by functional modules. • The access size is indicated. 2. Register Bits • Bit configurations of the registers are described in the same order as the Register Addresses (address order) above. • Reserved bits are indicated by in the bit name column. • The bit number in the bit-name column indicates that the whole register is allocated as a counter or for holding data. • 16-bit registers are indicated from the bit on the MSB side. 3. Register States in Each Operating Mode • Register states are described in the same order as the Register Addresses (address order) above. • The register states described here are for the basic operating modes. If there is a specific reset for an on-chip peripheral module, see the section on that on-chip peripheral module. 4. Register Select Conditions • Register states are described in the same order as the Register Addresses (address order) above. • For details on the register select conditions, see section 3.2.2, System Control Register (SYSCR), 3.2.3, Serial Timer Control Register (STCR), 20.1.3, Module Stop Control Registers H, L (MSTPCRH, MSTPCRL), and the register descriptions for each module. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |