Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 516 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 512Page - Renesas Technology Corp H8S/2111B Datasheet HTML 513Page - Renesas Technology Corp H8S/2111B Datasheet HTML 514Page - Renesas Technology Corp H8S/2111B Datasheet HTML 515Page - Renesas Technology Corp H8S/2111B Datasheet HTML 516Page - Renesas Technology Corp H8S/2111B Datasheet HTML 517Page - Renesas Technology Corp H8S/2111B Datasheet HTML 518Page - Renesas Technology Corp H8S/2111B Datasheet HTML 519Page - Renesas Technology Corp H8S/2111B Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 582 page
background image
Rev. 1.00, 05/04, page 482 of 544
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of
Access
States
Wakeup event interrupt mask register
B
WUEMRB
8
H'FE44
INT
8
3
Port G output data register
PGODR
8
H'FE46
PORT
8
3
Port G input data register
PGPIN
8
H'FE47
(read)
PORT
8
3
Port G data direction register
PGDDR
8
H'FE47
(write)
PORT
8
3
Port E output data register
PEODR
8
H'FE48
PORT
8
3
Port F output data register
PFODR
8
H'FE49
PORT
8
3
Port E input data register
PEPIN
8
H'FE4A
(read)
PORT
8
3
Port E data direction register
PEDDR
8
H'FE4A
(write)
PORT
8
3
Port F input data register
PFPIN
8
H'FE4B
(read)
PORT
8
3
Port F data direction register
PFDDR
8
H'FE4B
(write)
PORT
8
3
Port C output data register
PCODR
8
H'FE4C
PORT
8
3
Port D output data register
PDODR
8
H'FE4D
PORT
8
3
Port C input data register
PCPIN
8
H'FE4E
(read)
PORT
8
3
Port C data direction register
PCDDR
8
H'FE4E
(write)
PORT
8
3
Port D input data register
PDPIN
8
H'FE4F
(read)
PORT
8
3
Port D data direction register
PDDDR
8
H'FE4F
(write)
PORT
8
3
I
2C bus extended control register_0
ICXR_0
8
H'FED4
IIC_0
8
2
I
2C bus extended control register_1
ICXR_1
8
H'FED5
IIC_1
8
2
Keyboard control register H_0
KBCRH_0
8
H'FED8
Keyboard
buffer
controller_0
8
2
Keyboard control register L_0
KBCRL_0
8
H'FED9
Keyboard
buffer
controller_0
8
2
Keyboard data buffer register_0
KBBR_0
8
H'FEDA
Keyboard
buffer
controller_0
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com