Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 514 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 510Page - Renesas Technology Corp H8S/2111B Datasheet HTML 511Page - Renesas Technology Corp H8S/2111B Datasheet HTML 512Page - Renesas Technology Corp H8S/2111B Datasheet HTML 513Page - Renesas Technology Corp H8S/2111B Datasheet HTML 514Page - Renesas Technology Corp H8S/2111B Datasheet HTML 515Page - Renesas Technology Corp H8S/2111B Datasheet HTML 516Page - Renesas Technology Corp H8S/2111B Datasheet HTML 517Page - Renesas Technology Corp H8S/2111B Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 582 page
background image
Rev. 1.00, 05/04, page 480 of 544
21.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Bus
Width
Number
of
Access
States
Timer control register_B
TCR_B
8
H'FE00
TMR_B
8
3
Timer control register_A
TCR_A
8
H'FE01
TMR_A
8
3
Timer control/status register_B
TCSR_B
8
H'FE02
TMR_B
8
3
Timer control/status register_A
TCSR_A
8
H'FE03
TMR_A
8
3
Time constant register A_B
TCORA_B
8
H'FE04
TMR_B
8
3
Time constant register A_A
TCORA_A
8
H'FE05
TMR_A
8
3
Time constant register B_B
TCORB_B
8
H'FE06
TMR_B
8
3
Time constant register B_A
TCORB_A
8
H'FE07
TMR_A
8
3
Timer counter_B
TCNT_B
8
H'FE08
TMR_B
8
3
Timer counter_A
TCNT_A
8
H'FE09
TMR_A
8
3
Timer input select register_B
TISR_B
8
H'FE0A
TMR_B
8
3
Input capture register R_A
TICRR_A
8
H'FE0C
TMR_A
8
3
Input capture register F_A
TICRF_A
8
H'FE0D
TMR_A
8
3
Timer AB control register
TCRAB
8
H'FE0E
TMR_A,
TMR_B
8
3
Timer XY control register*
TCRXY
8
H'FE10
TMR_X,
TMR_Y
8
3
Serial pin select register*
SPSR
8
H'FE12
SCI_1
8
3
Port G control register*
PGCTL
8
H'FE14
IIC common 8
3
Port G open drain control register
PGNOCR
8
H'FE16
PORT
8
3
Port E open drain control register
PENOCR
8
H'FE18
PORT
8
3
Port F open drain control register
PFNOCR
8
H'FE19
PORT
8
3
Port C open drain control register
PCNOCR
8
H'FE1C
PORT
8
3
Port D open drain control register
PDNOCR
8
H'FE1D
PORT
8
3
Bidirectional data register 0MW
TWR0MW
8
H'FE20
LPC
8
3
Bidirectional data register 0SW
TWR0SW
8
H'FE20
LPC
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com