Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 274 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 270Page - Renesas Technology Corp H8S/2111B Datasheet HTML 271Page - Renesas Technology Corp H8S/2111B Datasheet HTML 272Page - Renesas Technology Corp H8S/2111B Datasheet HTML 273Page - Renesas Technology Corp H8S/2111B Datasheet HTML 274Page - Renesas Technology Corp H8S/2111B Datasheet HTML 275Page - Renesas Technology Corp H8S/2111B Datasheet HTML 276Page - Renesas Technology Corp H8S/2111B Datasheet HTML 277Page - Renesas Technology Corp H8S/2111B Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 582 page
background image
Rev. 1.00, 05/04, page 240 of 544
Bit
Bit Name
Initial
Value
R/W
Description
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only when the
MP bit in SMR is 1 in asynchronous mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of the
RDRF, FER, and ORER status flags in SSR is
disabled. On receiving data in which the multiprocessor
bit is 1, this bit is automatically cleared and normal
reception is resumed. For details, refer to section 12.5,
Multiprocessor Communication Function.
2
TEIE
0
R/W
Transmit End Interrupt Enable
When this bit is set to 1, a TEI interrupt request is
enabled.
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1, 0
These bits select the clock source and SCK pin
function.
Asynchronous mode
00: Internal clock
(SCK pin functions as I/O port.)
01: Internal clock
(Outputs a clock of the same frequency as the bit
rate from the SCK pin.)
1X: External clock
(Inputs a clock with a frequency 16 times the bit
rate from the SCK pin.)
Clocked synchronous mode
0X: Internal clock (SCK pin functions as clock output.)
1X: External clock (SCK pin functions as clock input.)
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com