Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 278 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 274Page - Renesas Technology Corp H8S/2111B Datasheet HTML 275Page - Renesas Technology Corp H8S/2111B Datasheet HTML 276Page - Renesas Technology Corp H8S/2111B Datasheet HTML 277Page - Renesas Technology Corp H8S/2111B Datasheet HTML 278Page - Renesas Technology Corp H8S/2111B Datasheet HTML 279Page - Renesas Technology Corp H8S/2111B Datasheet HTML 280Page - Renesas Technology Corp H8S/2111B Datasheet HTML 281Page - Renesas Technology Corp H8S/2111B Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 582 page
background image
Rev. 1.00, 05/04, page 244 of 544
12.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 12.2 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and
clocked synchronous mode. The initial value of BRR is H'FF, and it can be read from or written to
by the CPU at all times.
Table 12.2
Relationships between N Setting in BRR and Bit Rate B
Mode
Bit Rate
Error
Asynchronous mode
B =
64
× 2
× (N + 1)
2n-1
φ × 106
Error (%) = {
B
× 64 × 2
× (N + 1)
2n-1
φ × 106
- 1 }
× 100
Clocked synchronous
mode
B =
64
× 2
× (N + 1)
2n-1
φ × 106
—
[Legend]
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
φ:
Operating frequency (MHz)
n:
Determined by the SMR settings shown in the following table.
SMR Setting
CKS1
CKS0
n
0
0
0
0
1
1
1
0
2
1
1
3
Table 12.3 shows sample N settings in BRR in normal asynchronous mode. Table 12.4 shows the
maximum bit rate settable for each frequency. Table 12.6 shows sample N settings in BRR in
clocked synchronous mode. Tables 12.5 and 12.7 show the maximum bit rates with external clock
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com