| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 277 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 277 Page - Renesas Technology Corp |
|
277 / 582 page ![]() Rev. 1.00, 05/04, page 243 of 544 12.3.8 Serial Interface Mode Register (SCMR) SCMR selects SCI functions and its format. Bit Bit Name Initial Value R/W Description 7 to 4 — All 1 R Reserved These bits are always read as 1 and cannot be modified. 3 SDIR 0 R/W Data Transfer Direction Selects the serial/parallel conversion format. 0: TDR contents are transmitted with LSB-first. Receive data is stored as LSB first in RDR. 1: TDR contents are transmitted with MSB-first. Receive data is stored as MSB first in RDR. The SDIR bit is valid only when the 8-bit data format is used for transmission/reception; when the 7-bit data format is used, data is always transmitted/received with LSB-first. 2 SINV 0 R/W Data Invert Specifies inversion of the data logic level. The SINV bit does not affect the logic level of the parity bit. When the parity bit is inverted, invert the O/ E bit in SMR. 0: TDR contents are transmitted as they are. Receive data is stored as it is in RDR. 1: TDR contents are inverted before being transmitted. Receive data is stored in inverted form in RDR. 1 — 1 R Reserved This bit is always read as 1 and cannot be modified. 0 SMIF 0 R/W Serial Communication Interface Mode Select: 0: Normal asynchronous or clocked synchronous mode 1: Reserved mode |