Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 315 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp H8S/2111B Datasheet HTML 314Page - Renesas Technology Corp H8S/2111B Datasheet HTML 315Page - Renesas Technology Corp H8S/2111B Datasheet HTML 316Page - Renesas Technology Corp H8S/2111B Datasheet HTML 317Page - Renesas Technology Corp H8S/2111B Datasheet HTML 318Page - Renesas Technology Corp H8S/2111B Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 582 page
background image
Rev. 1.00, 05/04, page 281 of 544
13.3
Register Descriptions
The I
2C bus interface has the following registers. Registers ICDR and SARX and registers ICMR
and SAR are allocated to the same addresses. Accessible registers differ depending on the ICE bit
in ICCR. When the ICE bit is cleared to 0, SAR and SARX can be accessed, and when the ICE bit
is set to 1, ICMR and ICDR can be accessed. For details on the serial timer control register, see
section 3.2.3, Serial Timer Control Register (STCR).
• I2C bus data register (ICDR)
• Slave address register (SAR)
• Second slave address register (SARX)
• I2C bus mode register (ICMR)
• I2C bus control register (ICCR)
• I2C bus status register (ICSR)
• DDC switch register (DDCSWR)*1
• I2C bus extended control register (ICXR)
• Port G control register (PGCTL)*2
Notes: 1. DDCSWR is available only for IIC_0.
2. PGCTL register is common to IIC_0 and IIC_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com