Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 317 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp H8S/2111B Datasheet HTML 314Page - Renesas Technology Corp H8S/2111B Datasheet HTML 315Page - Renesas Technology Corp H8S/2111B Datasheet HTML 316Page - Renesas Technology Corp H8S/2111B Datasheet HTML 317Page - Renesas Technology Corp H8S/2111B Datasheet HTML 318Page - Renesas Technology Corp H8S/2111B Datasheet HTML 319Page - Renesas Technology Corp H8S/2111B Datasheet HTML 320Page - Renesas Technology Corp H8S/2111B Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 582 page
background image
Rev. 1.00, 05/04, page 283 of 544
13.3.2
Slave Address Register (SAR)
SAR sets the slave address and selects the communication format. If the LSI is in slave mode with
the I
2C bus format selected, when the FS bit is set to 0 and the upper 7 bits of SAR match the
upper 7 bits of the first frame received after a start condition, the LSI operates as the slave device
specified by the master device. SAR can be accessed only when the ICE bit in ICCR is cleared
to 0.
Bit
Bit Name
Initial Value R/W
Description
7
6
5
4
3
2
1
SVA6
SVA5
SVA4
SVA3
SVA2
SVA1
SVA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Slave Address 6 to 0
Set a slave address.
0
FS
0
R/W
Format Select
Selects the communication format together with the FSX bit
in SARX. See table 13.2.
This bit should be set to 0 when general call address
recognition is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com