Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 314 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 310Page - Renesas Technology Corp H8S/2111B Datasheet HTML 311Page - Renesas Technology Corp H8S/2111B Datasheet HTML 312Page - Renesas Technology Corp H8S/2111B Datasheet HTML 313Page - Renesas Technology Corp H8S/2111B Datasheet HTML 314Page - Renesas Technology Corp H8S/2111B Datasheet HTML 315Page - Renesas Technology Corp H8S/2111B Datasheet HTML 316Page - Renesas Technology Corp H8S/2111B Datasheet HTML 317Page - Renesas Technology Corp H8S/2111B Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 582 page
background image
Rev. 1.00, 05/04, page 280 of 544
13.2
Input/Output Pins
Table 13.1 summarizes the input/output pins used by the I
2C bus interface. The serial clock I/O pin
for each channel can be selected from the three pins*. The serial data I/O pin for each channel can
be selected form the three pins*. Do not set multiple pins as the serial clock I/O pin or serial data
I/O pin for a single channel.
Note:
*
The program development tool (emulator) does not support this function.
Table 13.1
Pin Configuration
Channel
Symbol*
1
Input/Output
Function
SCL0
Input/Output
Serial clock input/output pin of IIC_0
0
SDA0
Input/Output
Serial data input/output pin of IIC_0
SCL1
Input/Output
Serial clock input/output pin of IIC_1
1
SDA1
Input/Output
Serial data input/output pin of IIC_1
ExSCLA*
2
Input/Output
Serial clock input/output pin of IIC_0 or IIC_1
ExSDAA*
2
Input/Output
Serial data input/output pin of IIC_0 or IIC_1
ExSCLB*
2
Input/Output
Serial clock input/output pin of IIC_0 or IIC_1
ExSDAB*
2
Input/Output
Serial data input/output pin of IIC_0 or IIC_1
Notes: 1. In the text, the channel subscript is omitted, and only SCL and SDA are used.
2. The program development tool (emulator) does not support this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com