Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 320 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 316Page - Renesas Technology Corp H8S/2111B Datasheet HTML 317Page - Renesas Technology Corp H8S/2111B Datasheet HTML 318Page - Renesas Technology Corp H8S/2111B Datasheet HTML 319Page - Renesas Technology Corp H8S/2111B Datasheet HTML 320Page - Renesas Technology Corp H8S/2111B Datasheet HTML 321Page - Renesas Technology Corp H8S/2111B Datasheet HTML 322Page - Renesas Technology Corp H8S/2111B Datasheet HTML 323Page - Renesas Technology Corp H8S/2111B Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 582 page
background image
Rev. 1.00, 05/04, page 286 of 544
13.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8
th
clock), the IRIC flag is set to 1 in ICCR, and a wait
state begins (with SCL at the low level). When the
IRIC flag is cleared to 0 in ICCR, the wait ends and
the acknowledge bit is transferred.
For details, see section 13.4.7, IRIC Setting Timing and
SCL Control.
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer Clock Select 2 to 0
These bits are used only in master mode.
These bits select the required transfer rate, together with
the IICX1 (IIC_1) and IICX0 (IIC_0) bits in STCR. See
table 13.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com