| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9112 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112 Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 51 page ![]() TDA9112 22/51 Note 49: For any H and V correction component of the waveforms on EWOut and VOut pins and for internal waveform for corrections of H asymmetry, displayed in the table, the weight of the other relevant components is nullified (minimum for parabola, S-correction, medium for keystone, all corner corrections, C-correction, parallelogram, parabola asymmetry correction, written in corresponding registers). HVDyCor vertical amplitude 06 HVDyCor x0000000 Application dependent x1111111 HVDyCor horizontal adjustments 04 & 05 HVDyCor See Figure 14 on page 37 Application dependent Function Sad Pin Byte Waveform Effect on Screen tVR 0 1/2TVR TVR VHVD-DC VHVD-V(min) tVR 0 1/2TVR TVR VHVD-V(max) VHVD-DC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |