| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9112 Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112 Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 51 page ![]() TDA9112 48/51 12 - GLOSSARY AC Alternate Current ACK ACKnowledge bit of I2C-bus transfer AGC Automatic Gain Control COMP COMParator CRT Cathode Ray Tube DC Direct Current EHT Extra High Voltage EW East-West H/W HardWare HOT Horizontal Output Transistor I2CInter-Integrated Circuit IIC Inter-Integrated Circuit MCU Micro-Controller Unit NAND Negated AND (logic operation) NPN Negative-Positive-Negative OSC OSCillator PLL Phase-Locked Loop PNP Positive-Negative-Positive REF REFerence RS, R-S Reset-Set S/W SoftWare TTL Transistor Transistor Logic VCO Voltage-Controlled Oscillator |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |