Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8313ECVRAFDA Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

No. de pieza MPC8313ECVRAFDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
MPC8313E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
31
Ethernet: Three-Speed Ethernet, MII Management
8.3.4.1
SGMII Transmit AC Timing Specifications
Table 34 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
8.3.4.2
SGMII Receive AC Timing Specifications
Table 35 provides the SGMII receive AC timing specifications. Source synchronous clocking is not
supported. Clock is recovered from the data. Figure 17 shows the SGMII receiver input compliance mask
eye diagram.
Table 34. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XCOREVDD = 1.0 V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
0.17
UI p-p
Total jitter
JT
0.35
UI p-p
Unit interval
UI
799.92
800
800.08
ps
1
VOD fall time (80%–20%)
tfall
50
120
ps
VOD rise time (20%–80%)
trise
50
120
ps
Note:
1. Each UI is 800 ps ± 100 ppm.
Table 35. SGMII Receive AC Timing Specifications
At recommended operating conditions with XCOREVDD = 1.0 V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
UI p-p
1
Combined deterministic and random jitter tolerance
JDR
0.55
UI p-p
1
Sinusoidal jitter tolerance
JSIN
0.1
UI p-p
1
Total jitter tolerance
JT
0.65
UI p-p
1
Bit error ratio
BER
10–12
Unit interval
UI
799.92
800
800.08
ps
2
AC coupling capacitor
CTX
5—
200
nF
3
Notes:
1. Measured at receiver.
2. Each UI is 800 ps ± 100 ppm.
3. The external AC coupling capacitor is required. It is recommended to be placed near the device transmitter outputs.
4. Refer to the
RapidIO™ 1x/4x LP Serial Physical Layer Specification, for interpretation of jitter specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com