Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8313ECVRAFDA Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

No. de pieza MPC8313ECVRAFDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRAFDA Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRAFDA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313ECVRAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
MPC8313E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2.1
54
Freescale Semiconductor
I
2C
13 I2C
This section describes the DC and AC electrical characteristics for the I2C interface.
13.1
I2C DC Electrical Characteristics
Table 49 provides the DC electrical characteristics for the I2C interface.
13.2
I2C AC Electrical Specifications
Table 50 provides the AC timing parameters for the I2C interface.
Table 49. I2C DC Electrical Characteristics
At recommended operating conditions with NVDD of 3.3 V ± 0.3 V.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× NVDD
NVDD + 0.3
V
Input low voltage level
VIL
–0.3
0.3
× NVDD
V
Low level output voltage
VOL
00.2
× NVDD
V1
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10 to 400 pF
tI2KLKV
20 + 0.1
× CB
250
ns
2
Pulse width of spikes which must be suppressed by
the input filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
Input current, (0 V
≤ VIN ≤ NVDD)IIN
—± 5
μA4
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. Refer to the
MPC8313E PowerQUICC™ II Pro Integrated Processor Family Reference Manual, for information on the digital
filter used.
4. I/O pins obstruct the SDA and SCL lines if NVDD is switched off.
Table 50. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 49).
Parameter
Symbol1
Min
Max
Unit
SCL clock frequency
fI2C
0400
kHz
Low period of the SCL clock
tI2CL
1.3
μs
High period of the SCL clock
tI2CH
0.6
μs
Setup time for a repeated START condition
tI2SVKH
0.6
μs
Hold time (repeated) START condition (after this period, the first clock
pulse is generated)
tI2SXKL
0.6
μs
Data setup time
tI2DVKH
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com