| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5606CEVLU Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5606CEVLU Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 52 Ttr CC4 Output transition time output pin5 SLOW configuration CL = 25pF, VDD = 5.0V ± 10%, ipp_hve = 0 506 ns CL = 50pF, VDD = 5.0V ± 10%, ipp_hve = 0 1006 CL = 100pF, VDD = 5.0V ± 10%, ipp_hve = 0 1254 CL = 25pF, VDD = 3.3V ± 10%, ipp_hve = 1 406 CL = 50pF, VDD = 3.3V ± 10%, ipp_hve = 1 506 CL = 100pF, VDD = 3.3V ± 10%, ipp_hve = 1 754 ΔI tr50 CC4 Current slew at CL = 50pF SLOW configuration recommended configuration at VDD = 5.0V ± 10%, ipp_hve = 0, VDD = 3.3V ± 10%, ipp_hve = 1 2mA/ns VDD = 5.0V ± 10%, ipp_hve = 1 7 1 V DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 to +105°C, unless otherwise specified 2 All values need to be confirmed during device validation. 3 This is a transient configuration during power-up. All pads but RESET and NEXUS output (MDOx, EVTO, MCK) are configured in input or in high impedance state. 4 Data based on characterization results, not tested in production 5 C L calculation should include device and package capacitances (CPKG < 5pF). 6 Data based on simulation results, not tested in production Table 20. MEDIUM Configuration Output Buffer Electrical Characteristics Symbol Parameter Conditions1 Value2 Unit Min Typ Max VOH CC Output high level MEDIUM configuration Push Pull, IOH = -2mA, VDD = 5.0V ± 10%, ipp_hve = 0 (recommended) 0.8VDD V Push Pull, IOH = -1mA, VDD = 5.0V ± 10%, ipp_hve = 1 3 0.8VDD Push Pull, IOH = -1mA, VDD = 3.3V ± 10%, ipp_hve = 1 (recommended) VDD-0.8 Table 19. SLOW Configuration Output Buffer Electrical Characteristics (continued) Symbol Parameter Conditions1 Value2 Unit Min Typ Max |