| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5606CEVLU Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5606CEVLU Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 62 Figure 12. Low Power Oscillator Electrical Characteristics 3.10 FMPLL Electrical Characteristics The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system clock from the main oscillator driver. Table 26. Low Power Oscillator Electrical Characteristics Symbol Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fXOSCLP SR Oscillator frequency 32 - 40 kHz VXOSCLP CC3 3 Granted by device validation Oscillation amplitude VDD=3.3V±10%, 1.12 1.33 1.74 V VDD=5.0V±10%, 1.12 1.37 1.74 IXOSCLP CC3 Oscillator consumption 5 µA TXOSCLPSU CC 3 Oscillator start-up time 2 s VIH SR Input high level CMOS Schmitt Trigger Oscillator bypass mode 0.65VDD VDD+0.4 V VIL SR Input low level CMOS Schmitt Trigger Oscillator bypass mode -0.4 0.35VDD V VDD TXOSCLPSU VDDMIN VXTAL VXOSCLP valid internal clock 90% 10% 1/fXOSCLP |