| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PPC5606CEVLU Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5606CEVLU Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 63 3.11 Main RC Oscillator Electrical Characteristics The device provides a 16 MHz internal RC oscillator. This is used as the default clock at the power-up of the device. Table 27. FMPLL Electrical Characteristics Symbol Parameter Conditions1 1 V DDPLL = 1.2 V ± 10%, TA = -40 to +105 °C, unless otherwise specified. Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fPLLIN SR PLL reference clock3 3 PLLIN clock retrieved directly from XOSCHS clock. Input characteristics are granted when oscillator is used in functional mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN. 464 MHz Δ PLLIN SR PLL reference clock duty cycle3 40 60 % fPLLOUT CC 4 4 Data based on device simulation. PLL output clock frequency 16 64 MHz fCPU CC4 System clock frequency 645 5 f CPU 64 MHz can be achieved only at up to 105 °C MHz TLOCK CC4 PLL lock time Stable oscillator (fPLLIN = 16 MHz) 200 µs ΔT PKJIT CC4 PLL jitter (pk to pk) fPLLIN = 16 MHz (resonator) 500 ps ΔT LTJIT CC4 PLL long term jitter fPLLIN = 16 MHz (resonator) 1.5 ns IPLL CC6 6 Data based on characterization results, not tested in production Oscillator consumption TA = 25°C 4 mA Table 28. Main RC Oscillator Electrical Characteristics Symbol Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified. Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fRCM CC3 3 Guaranteed by device simulation, not tested in production RC oscillator high frequency TA = 25 °C, trimmed 16 MHz IRCMRUN CC3 RC oscillator high frequency current in running mode TA = 25 °C, trimmed 200 µA IRCMPWD CC3 RC oscillator high frequency current in power down mode TA = 25 °C 10 µA ΔRCMTRI M CC3 RC oscillator precision after trimming of fRC TA = 25 °C -1 +1 % ΔRCMVAR CC4 4 Guaranteed by device characterization, not tested in production RC oscillator variation in temperature and supply with respect to fRC at TA = 55 °C in high-frequency configuration -5 +5 % |