Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT83EB5114 Datasheet(PDF) 7 Page - ATMEL Corporation

No. de pieza AT83EB5114
Descripción Electrónicos  Low-pin-count 8-bit microcontroller with A/D converter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83EB5114 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT83EB5114_08 Datasheet HTML 3Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 4Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 5Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 6Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 7Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 8Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 9Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 10Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
7
AT89/83EB5114
4311C–8051–02/08
Mnemonic
Add
Name
7
6
5
4
3
2
1
0
ACC
E0h Accumulator
ADCA
F7h
ADC Amplifier Configuration
-
-
-
-
-
AC3E
AC3G1
AC3G0
ADCF
F6h
ADCF Register
-
-
CH5
CH4
CH3
CH2
CH1
CH0
ADCLK
F2h
ADC Clock Prescaler
SELREF
PRS6
PRS5
PRS4
PRS3
PRS2
PRS1
PRS0
ADCON
F3h
ADC Control Register
QUIETM
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
ADDH
F5h
ADC Data High Byte Register
ADAT9
ADAT8
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2
ADDL
F4h
ADC Data Low Byte Register
-
-
-
-
-
-
ADAT1
ADAT0
AUXR
8Eh Auxiliary Register
DPU
-
-
LOWVD
-
-
-
-
AUXR1
A2h Auxiliary Register 1
-
-
-
-
-
-
-
DPS
B
F0h
B Register
CKCON
8Fh
Clock control Register
-
-
-
-
-
-
-
X2
CKRL
97h
Clock Prescaler Register
-
-
-
-
CKRL3
CKRL2
CKRL1
CKRL0
CKSEL
85h
Clock Selection register
-
-
-
-
-
-
CKS1
CKS0
DPH
83h
Data pointer High Byte
DPL
82h
Data pointer Low Byte
FCON
D1h Auxiliary Register
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
HSB
EFh Hardware Security Byte
X2
RST_OSC1
RST_OSC0
RST_OCLK
-
-
LB1
LB0
IEN0
A8h Interrupt Enable Register
EA
EADC
EW1
EW0
ET1
EX1
ET0
EX0
IOR
A5h Interrupt Option Register
-
-
-
-
-
-
ESB1
ESB0
IPH0
B7h Interrupt Priority register
-
PADCH
PW1H
PW0H
PT1H
PX1H
PT0H
PX0H
IPL0
B8h Interrupt Priority Register
-
PADC
PW1
PW0
PT1
PX1
PT0
PX0
OSCBFA
9Fh
Oscillator B Frequency Adjust
OSCBFA7
OSCBFA6
OSCBFA5
OSCBFA4
OSCBFA3
OSCBFA2
OSCBFA1
OSCBFA0
OSCCON
86h
Clock Control Register
-
-
-
OSCBRY
LCKEN
OSCCEN
OSCBEN
OSCAEN
P3
B0h Port 3 Register
P3M1
D5h Port 3 Output Configuration
P3M1.7
P3M1.6
P3M1.5
P3M1.4
P3M1.3
P3M1.2
P3M1.1
P3M1.0
P3M2
E4h Port 3 Output Configuration
P3M2.7
P3M2.6
P3M2.5
P3M2.4
P3M2.3
P3M2.2
P3M2.1
P3M2.0
P4
C0h Port 4 register
P4M1
D6h Port 4 Output Configuration
P4M1.7
P4M1.6
P4M1.5
P4M1.4
P4M1.3
P4M1.2
P4M1.1
P4M1.0
PCON
87h
Power Modes Control Register
SMOD1
SMOD0
-
-
GF1
GF0
PD
IDL
PSW
D0h Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack pointer
TCON
88h
Timer/Counter Control Register
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TH0
8Ch Timer 0 High Byte Registers
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
TH1
8Dh Timer 1 High Byte Registers
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
TL0
8Ah Timer 0 Low Byte Registers
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
TL1
8Bh Timer 1 Low Byte Registers
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com