Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT83EB5114 Datasheet(PDF) 13 Page - ATMEL Corporation

No. de pieza AT83EB5114
Descripción Electrónicos  Low-pin-count 8-bit microcontroller with A/D converter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83EB5114 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT83EB5114_08 Datasheet HTML 9Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 10Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 11Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 12Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 13Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 14Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 15Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 16Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
13
AT89/83EB5114
4311C–8051–02/08
Description
The clock for the whole circuit and peripherals is first divided by two before being used
by the CPU core and the peripherals.
This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is
bypassed, the signals on XTAL1 must have a cyclic ratio from 40 to 60%.
Figure 4 shows the clock generation block diagram. X2 bit is validated on the rising edge
of the XTAL1÷2 to avoid glitches when switching from X2 to standard mode. Figure 5
shows the switching mode waveforms.
Figure 5. Mode Switching Waveforms
The X2 bit in the CKCON register (see Table 7 on page 18) allows to switch from 12
clock periods per instruction to 6 clock periods and vice versa.
Clock Prescaler
Before supplying the CPU and the peripherals, the main clock is divided by a factor from
2 to 32, as defined by the CKRL register (see Table 6 on page 18). The CPU needs from
12 to 16*12 clock periods per instruction. This allows:
to accept any cyclic ratio on XTAL1 input.
to reduce CPU power consumption.
Note:
The number of bits of the prescaler is optimized in order to provide a low power con-
sumption in low speed mode (see Section “Electrical Characteristics”, page 84).
Prescaler Divider on Reset
A hardware RESET selects the start oscillator depending on the RST1_OSC and
RST0_OSC bits contained on the Hardware Security Byte register (see Table 2 on page
15). It also selects the prescaler divider as follows:
CKRL = 8h: internal clock = OscOut / 16 (slow CPU speed at reset, thus lower
power consumption)
X2 = 0,
SEL_OSC1 and SEL_OSC0 bits selects OSCA, OSCB or OSCC, depending on the
value of the RST_OSC1 and RST_OSC0 configuration bits.
After Reset, any value between Fh down to 0h can be written by software into CKRL
sfr in order to divide frequency of the selected oscillator:
CKRL = 0h: minimum frequency = OscOut / 32
CKRL = Fh: maximum frequency = OscOut / 2
The frequency of the CPU and peripherals clock CkOut is related to the frequency of the
main oscillator OscOut by the following formula:
FCkOut = FOscOut / (32 - 2*CKRL)
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode
FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com