Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT83EB5114 Datasheet(PDF) 21 Page - ATMEL Corporation

No. de pieza AT83EB5114
Descripción Electrónicos  Low-pin-count 8-bit microcontroller with A/D converter
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83EB5114 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT83EB5114_08 Datasheet HTML 17Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 18Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 19Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 20Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 21Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 22Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 23Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 24Page - ATMEL Corporation AT83EB5114_08 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
21
AT89/83EB5114
4311C–8051–02/08
By INT1 and INT0 interruptions (if enabled), the oscillators control bits on OSCON and
CKSEL will be kept, so the selected oscillator before entering in power-down mode will
be activated. Only external interrupts INT0 and INT1 are useful to exit from power-down.
Note:
Exit from power down mode doesn’t depend on IT0 and IT1 configurations. It is only pos-
sible to exit from power down mode on a low level on these pins.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as
detailed in Figure 6. When both interrupts are enabled, the oscillator restarts as soon as
one of the two inputs is held low and power down exit will be completed when the first
input is released. In this case the higher priority interrupt service routine is executed.
Table 9 shows the state of ports during idle and power-down modes.
Table 9. Ports State
Mode
Program Memory
Port3
Port4
Idle
Internal
Port Data
Port Data
Power Down
Internal
Port Data
Port Data
Table 10. Operating Modes
PD
IDLE
CKS1
CKS0
OSCCEN
OSCBEN
OSCAEN
Selected Mode
Comment
0
0
1
1
X
X
1
NORMAL MODE A
OSCA: XTAL clock
X
X
1
1
X
X
0
INVALID
no active clock
0
0
1
0
X
1
X
NORMAL MODE B,
OSCB: high accuracy RC clock
X
X
1
0
X
0
X
INVALID
no active clock
0
0
0
1
1
X
X
NORMAL MODE C,
OSCC: low consumption RC clock
X
X
0
1
0
X
X
INVALID
no active clock
0
1
1
1
X
X
1
IDLE MODE A
The CPU is off, OSCA supplies the
peripherals
0
1
1
0
X
1
X
IDLE MODE B
The CPU is off, OSCB supplies the
peripherals
0
1
0
1
1
X
X
IDLE MODE C
The CPU is off, OSCC supplies the
peripherals
1
X
X
X
X
X
X
POWER DOWN
The CPU is off, OSCA, OSCB and
OSCC are stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com