| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431IDBVT Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431IDBVT Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 41 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543H − AUGUST 2004 − REVISED JANUARY 2005 20 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS 19.1 V VCC TLE2027 TLE2027 AV = 10 V/mV VEE 0.1 µF 160 k Ω 820 Ω (DUT) TL431 16 Ω 910 Ω 2000 µF 1 k Ω VEE VCC 1 µF 16 k Ω 16 k Ω 1 µF 33 k Ω 33 k Ω AV = 2 V/V 22 µF 500 µF To Oscilloscope −1 −2 −4 −5 −6 3 −3 0 1 2 3456 1 0 2 EQUIVALENT INPUT NOISE VOLTAGE OVER A 10-S PERIOD 4 78 9 10 5 6 t − Time − s f = 0.1 to 10 Hz IKA = 10 mA TA = 25°C + − + − Figure 12. Test Circuit for Equivalent Input Noise Voltage |