| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431IDBVT Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431IDBVT Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 41 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543H − AUGUST 2004 − REVISED JANUARY 2005 26 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION VO ≈5 V, 1.5 A TL431 VI(BATT) LM317 IN OUT Adjust 243 Ω 0.1% 243 Ω 0.1% 8.2 k Ω Figure 23. Precision 5-V 1.5-A Regulator VO ≈5 V TL431 VI(BATT) 27.4 k Ω 0.1% Rb (see Note A) 27.4 k Ω 0.1% NOTE A: Rb should provide cathode current ≥1 mA to the TL431. Figure 24. Efficient 5-V Precision Regulator TL431 12 V VCC 5 V 6.8 k Ω 10 k Ω 10 k Ω 0.1% 10 k Ω 0.1% X Not Used Feedback TL598 + − Figure 25. PWM Converter With Reference |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |