| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431IDBVT Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431IDBVT Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 41 page ![]() TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543H − AUGUST 2004 − REVISED JANUARY 2005 27 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION TL431 VI(BATT) R3 (see Note A) R1A R4 (see Note A) R2B R2A NOTE A: R3 and R4 are selected to provide the desired LED intensity and cathode current ≥1 mA to the TL431 at the available VI(BATT). R1B Low Limit + 1 ) R1B R2B V ref High Limit + 1 ) R1A R2A V ref LED on When Low Limit < VI(BATT) < High Limit Figure 26. Voltage Monitor TL431 650 Ω 2 k Ω C On Off R 12 V Delay + R C In 12 V 12 V * V ref Figure 27. Delay Timer TL431 IO RCL 0.1% R1 VI(BATT) I out + V ref R CL ) I KA R1 + V I(BATT) I O h FE ) I KA Figure 28. Precision Current Limiter |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |