Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEVLL Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEVLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEVLL Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEVLL Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
Electrical characteristics
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
31
4.11.2
Flash power supply DC characteristics
Table 26 shows the power supply DC characteristics on external supply.
4.11.3
Start-up/Switch-off timings
Table 25. Flash read access timing
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Max
Unit
fREAD
CC
P Maximum frequency for Flash reading
2 wait states
64
MHz
C
1 wait state
40
C
0 wait states
20
Table 26. Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
IFREAD CC D Sum of the current consumption on VDDHV
and VDDBV on read access
Flash module read
fCPU = 64 MHz
3
3 f
CPU 64 MHz can be achieved only at up to 105 °C
—
—
33
mA
IFMOD CC D Sum of the current consumption on VDDHV
and VDDBV on matrix modification
(program/erase)
Program/Erase on-going
while reading Flash registers
fCPU = 64 MHz
(3)
—
—
33
mA
IFLPW CC D Sum of the current consumption on VDDHV
and VDDBV during Flash low-power mode
—
—
900
µA
IFPWD CC D Sum of the current consumption on VDDHV
and VDDBV during Flash powe-down mode
—
—
150
µA
Table 27. Start-up time/Switch-off time
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
TFLARSTEXIT CC T Delay for Flash module to exit reset mode
—
—
—
125
µs
TFLALPEXIT
CC T Delay for Flash module to exit low-power
mode
—
—
—
0.5
TFLAPDEXIT
CC T Delay for Flash module to exit power-down
mode
—
—
—
30
TFLALPENTRY CC T Delay for Flash module to enter low-power
mode
—
—
—
0.5
TFLAPDENTRY CC T Delay for Flash module to enter power-down
mode
—
—
—
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com