Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEVLL Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEVLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEVLL Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEVLL Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
69
2
06-Mar-2009 Made minor editing and formatting changes to improve readability
Harmonized oscillator naming throughout document
Features:
—Replaced 32 KB with 48 KB as max SRAM size
—Updated descripiton of INTC
—Changed max number of GPIO pins from 121 to 123
Updated Section 1.1, “Introduction
Updated Table 2
Added Section 2, “Device blocks
Section 3, “Package pinouts: Removed signal descriptions (these are found in the device
reference manual)
Updated Figure 2:
—Replaced VPP with VSS_HV on pin 18
—Added MA[1] as AF3 for PC[10] (pin 28)
—Added MA[0] as AF2 for PC[3] (pin 116)
—Changed description for pin 120 to PH[10] / GPIO[122] / TMS
—Changed description for pin 127 to PH[9] / GPIO[121] / TCK
—Replaced NMI[0] with NMI on pin 11
Updated Figure 3:
—Replaced VPP with VSS_HV on pin 14
—Added MA[1] as AF3 for PC[10] (pin 22)
—Added MA[0] as AF2 for PC[3] (pin 77)
—Changed description for pin 81 to PH[10] / GPIO[122] / TMS
—Changed description for pin 88 to PH[9] / GPIO[121] / TCK
—Removed E1UC[19] from pin 76
—Replaced [11] with WKUP[11] for PB[3] (pin 1)
—Replaced NMI[0] with NMI on pin 7
Updated Figure 4:
—Changed description for ball B8 from TCK to PH[9]
—Changed description for ball B9 from TMS to PH[10]
—Updated descriptions for balls R9 and T9
Added Section 3.2, “Parameter classification and tagged parameters in tables where
appropriate
Added Section 3.3, “NVUSRO register
Updated Table 7
Section 3.5, “Recommended operating conditions: Added note on RAM data retention to
end of section
Updated Table 8 and Table 9
Added Section 3.6.1, “Package thermal characteristics
Updated Section 3.6.2, “Power considerations
Updated Figure 6
Updated Table 12, Table 13, Table 14, Table 15 and Table 16
Table 45. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com