Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEVLL Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEVLL
Descripción Electrónicos  MPC5604B/C Microcontroller Data Sheet
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEVLL Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5602CEVLL Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5602CEVLL Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
MPC5604B/C Microcontroller Data Sheet Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
58
tADC_S
C
C
T
Sample time5
fADC = 32 MHz,
ADC_conf_sample_input = 17
0.5
—
µs
fADC = 6 MHz,
INPSAMP = 255
—
42
tADC_C
C
C
P
Conversion time6
fADC = 32 MHz,
ADC_conf_comp = 2
0.625
—
µs
CS
C
C
D
ADC input sampling
capacitance
—
—
—
3
pF
CP1
C
C
D
ADC input pin
capacitance 1
—
—
—
3
pF
CP2
C
C
D
ADC input pin
capacitance 2
—
—
—
1
pF
CP3
C
C
D
ADC input pin
capacitance 3
—
—
—
1
pF
RSW1
C
C
D
Internal resistance of
analog source
—
—
—
3
k
Ω
RSW2
C
C
D
Internal resistance of
analog source
—
—
—
2
k
Ω
RAD
C
C
D
Internal resistance of
analog source
—
—
—
0.1
k
Ω
IINJ
S
R
— Input current Injection Current
injection on
one ADC input,
different from
the converted
one
VDD =
3.3 V ± 10%
−5
—
5
mA
VDD =
5.0 V ± 10%
−5
—
5
| INL |
C
C
T
Absolute value for
integral non-linearity
No overload
—
0.5
1.5
LSB
| DNL |
C
C
T
Absolute differential
non-linearity
No overload
—
0.5
1.0
LSB
| OFS |
C
C
T
Absolute offset error
—
—
0.5
—
LSB
| GNE |
C
C
T
Absolute gain error
—
—
0.6
—
LSB
TUEp
C
C
P
Total unadjusted
error7 for precise
channels, input only
pins
Without current injection
−2
0.6
2
LSB
T
With current injection
−3
3
TUEx
C
C
T
Total unadjusted
error(7) for extended
channel
Without current injection
−3
1
3
LSB
T
With current injection
−4
4
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
Table 43. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Uni
t
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com