| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICE2000 Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ICE2000 Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 18 page ![]() © 2006 Microchip Technology Inc. DS51140M-page 7 Processor Module and Device Adapter Specification 5.5 DVA16XP182 This device adapter is intended for use with PIC16C712/716 18-pin DIP devices. It has a second oscillator device that allows TIMER1 oscillator input ranging from 32-40 kHz. It has four mechanical switches. Target pins RB1 and RB2 can be routed to the emulator silicon on the PCM16XE1 processor module or the TIMER1 oscillator device on the device adapter. Target pin RB1 is routed to T1CKI. Target pin RB3 can be a general purpose input or CCP1, as shown in Table 5-5. TABLE 5-5: DVA16XP182 DEVICE ADAPTER SWITCH ASSIGNMENT Desired Function Switch Positions RB1 Set S2-1 to position B RB2 Set S2-2 to position B RB3 Set S2-3 to position B CCP1 Set S2-3 to position A TIMER1 Clock Input Set S2-1 to position A and set S1 to position B TIMER1 Oscillator Input Set S2-1 to position A and set S2-2 to position A and set S1 to position A |