| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICE2000 Datasheet(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ICE2000 Datasheet(HTML) 10 Page - Microchip Technology |
|
10 / 18 page ![]() MPLAB® ICE 2000 DS51140M-page 10 © 2006 Microchip Technology Inc. 6.0 DEVICE ADAPTER TARGET FOOTPRINTS To connect an emulator device adapter directly to a target board (without the use of transition sockets) the following information will be helpful. 6.1 DIP Device Footprints DIP device adapter footprints shown will accept adapter plugs like Samtec series APA plugs. These plugs can be soldered in place during develop- ment/emulation and eliminate the need for any other sockets. FIGURE 6-1: DVA DRAWING – DIP x A B x = Pin 1 location See Table 6-1 for A & B dimensions. 0.100 0.028 DIA PLATED-THRU HOLES C UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN INCHES. Drawing of DIP is 40-pin. DIP C DIP C 8-Pin 0.300 28-Pin 0.300 14-Pin 0.300 40-Pin 0.600 18-Pin 0.300 64-Pin 0.750 20-Pin 0.300 TABLE 6-1: DVA DIMENSIONS – DIP Package DVA Number* A B 8P/14P DIP DVA1002 1.700 2.100 8P/14P/20P DIP DVA1004 1.700 2.425 8P DIP DVA12XP080 2.200 1.650 8P DIP DVA12XP081 2.200 1.650 14P DIP DVA16XP140 2.200 1.650 14P DIP DVA16XP141 2.000 2.100 18P DIP DVA16XP180 2.200 1.650 18P DIP DVA16XP182 2.000 2.100 18P DIP DVA16XP183 2.150 2.575 18P DIP DVA16XP185 2.150 2.000 18P DIP DVA16XP186 2.000 2.100 18P DIP DVA16XP187 2.000 2.100 18P DIP DVA18XP180 2.150 2.575 20P DIP DVA16XP200 2.150 2.575 20P DIP DVA16XP201 2.150 1.825 20P DIP DVA16XP202 2.200 2.675 28P DIP DVA14XP280 2.200 1.700 28P DIP DVA16XP280 2.200 1.700 28P DIP DVA16XP282 2.000 2.100 28P DIP DVA18XP280 2.000 2.100 40P DIP DVA16XP401 2.200 2.200 40P DIP DVA17XP401 2.200 2.000 40P DIP DVA18XP400 2.200 2.200 64P DIP DVA16XP640 2.500 2.050 * See the MPLAB® ICE 2000 Readme file for information on devices supported by each DVA. |