| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICE2000 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ICE2000 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 18 page ![]() MPLAB® ICE 2000 DS51140M-page 12 © 2006 Microchip Technology Inc. Device adapter pin-out matches the PLCC package. PLCC will map to TQFP as follows: • DVA-44PL interface to 44-pin TQFP – one-to-one mapping. (No mapping diagram needed.) • DVA-68PL interface to 64-pin TQFP – see Figure 6-4 for mapping. • DVA-68PL2 interface to 64-pin TQFP – see Figure 6-5 for mapping. • DVA-84PL interface to 80-pin TQFP – see Figure 6-6 for mapping. TABLE 6-2: DVA DIMENSIONS – PLCC/TQFP Package DVA Number* Mapping Rows A B Pin 1 44P PLCC DVA16XL441 DVA – 44PL Single 2.200 2.200 w’ 44P PLCC DVA17XL441 DVA – 44PL Single 1.850 2.100 z’ 68P PLCC DVA16XL680 DVA – 68PL2 Single 1.850 2.100 z’ 68P PLCC DVA17XL681 DVA – 68PL Single 1.850 2.500 z’ 68P PLCC DVA18XL680 DVA – 68PL Single 2.050 2.575 y’ 84P PLCC DVA17XL841 DVA – 84PL Single 2.150 2.575 z’ 84P PLCC DVA18XL840 DVA – 84PL Single 2.200 2.675 y’ 44P TQFP DVA16PQ441 DVA – 44PL Single 2.200 2.300 y 44P TQFP DVA17PQ441 DVA – 44PL Single 1.950 2.200 x 44P TQFP DVA18PQ440 DVA – 44PL Single 2.200 2.300 y 64P TQFP DVA16PQ640 DVA – 68PL2 Single 1.850 2.100 z 64P TQFP DVA17PQ641 DVA – 68PL Single 1.850 2.500 z 64P TQFP DVA18PQ640 DVA – 68PL Single 2.050 2.575 y 64P TQFP DVA1005 DVA – 68PL Single 2.200 2.875 y 80P TQFP DVA17PQ801 DVA – 84PL Single 2.150 2.575 z 80P TQFP DVA18PQ800 DVA – 84PL Single 2.200 2.675 y 68/84P PLCC, 64/80P TQFP DVA18PQ802 DVA – 68PL DVA – 84PL Double 2.200 2.675 y’, y 68/84P PLCC, 64/80P TQFP DVA1003 DVA – 68PL DVA – 84PL Double 2.200 2.975 y’, y * See the MPLAB® ICE 2000 Readme file for information on devices supported by each DVA. |