Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT3070 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LT3070
Descripción Electrónicos  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 4 Page - Linear Technology

  LT3070 Datasheet HTML 1Page - Linear Technology LT3070 Datasheet HTML 2Page - Linear Technology LT3070 Datasheet HTML 3Page - Linear Technology LT3070 Datasheet HTML 4Page - Linear Technology LT3070 Datasheet HTML 5Page - Linear Technology LT3070 Datasheet HTML 6Page - Linear Technology LT3070 Datasheet HTML 7Page - Linear Technology LT3070 Datasheet HTML 8Page - Linear Technology LT3070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3070

3070fa
electricAl chArActeristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COUT = 15µF (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BIASPinCurrentinNapMode
EN=Low(AfterPORCompleted)
l
120
200
320
µA
BIASPinCurrent,
VIN=1.3V,VOUT=1V
IOUT=10mA
IOUT=100mA
IOUT=500mA
IOUT=1A
IOUT=2.5A
IOUT=5A
l
l
l
l
l
l
0.75
1.25
2.0
2.6
3.5
4.5
1.08
1.8
3.0
3.8
5.2
6.9
1.5
2.4
4.0
5.0
7.0
10.0
mA
mA
mA
mA
mA
mA
CurrentLimit(Note5)
VIN–VOUT<0.3V,VBIAS=3.3V
VIN–VOUT=1.0V,VBIAS=3.3V
VIN–VOUT=1.7V,VBIAS=3.3V
l
l
l
5.1
3.2
1.2
6.4
4.5
2.5
7.7
5.8
4.3
A
A
A
ReverseOutputCurrent(Note8)
VIN=0V,VOUT=1.8V
l
300
450
µA
PWRGDVOUTThreshold
PercentageofVOUT(NOMINAL),VOUTRising
PercentageofVOUT(NOMINAL),VOUTFalling
l
l
87
82
90
85
93
88
%
%
PWRGDVOL
IPWRGD=200µA(FaultCondition)
l
50
150
mV
VBIASUndervoltageLockout
VBIASRising
VBIASFalling
l
l
1.1
0.9
1.55
1.4
2.1
1.7
V
V
VIN-VOUTServoVoltagebyVIOC
l
250
300
350
mV
VIOCOutputCurrent
VIN=VOUT(NOMINAL)+150mV,SourcingOutofthePin
VIN=VOUT(NOMINAL)+450mV,SinkingIntothePin
l
l
160
170
235
255
310
340
µA
µA
VILInputThreshold(Logic-0State),
VO2,VO1,VO0,MARGSEL,MARGTOL
InputFalling
l
0.25
V
VIZInputRange(Logic-ZState),
VO2,VO1,VO0,MARGSEL,MARGTOL
l
0.75
VBIAS–0.9
V
VIHInputThreshold(Logic-1State),
VO2,VO1,VO0,MARGSEL,MARGTOL
InputRising
l
VBIAS–0.25
V
InputHysteresis(BothThresholds),
VO2,VO1,VO0,MARGSEL,MARGTOL
60
mV
InputCurrentHigh,
VO2,VO1,VO0,MARGSEL,MARGTOL
VIH=VBIAS=2.5V,CurrentFlowsIntoPin
l
25
40
µA
InputCurrentLow,
VO2,VO1,VO0,MARGSEL,MARGTOL
VIL=0V,VBIAS=2.5V,CurrentFlowsOutofPin
l
25
40
µA
ENPinThreshold
VOUT=OfftoOn
VOUT=OntoOff
l
l
0.9
1.4
V
V
ENPinLogicHighCurrent
VEN=VBIAS=2.5V
l
2.5
4.0
6.5
µA
ENPinLogicLowCurrent
VEN=0V
l
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com