Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT3070 Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LT3070
Descripción Electrónicos  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT3070 Datasheet(HTML) 5 Page - Linear Technology

  LT3070 Datasheet HTML 1Page - Linear Technology LT3070 Datasheet HTML 2Page - Linear Technology LT3070 Datasheet HTML 3Page - Linear Technology LT3070 Datasheet HTML 4Page - Linear Technology LT3070 Datasheet HTML 5Page - Linear Technology LT3070 Datasheet HTML 6Page - Linear Technology LT3070 Datasheet HTML 7Page - Linear Technology LT3070 Datasheet HTML 8Page - Linear Technology LT3070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3070

3070fa
electricAl chArActeristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COUT = 15µF (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBIASRippleRejection
VBIAS=VOUT+1.5VAVG,VRIPPLE=0.5VP-P,fRIPPLE=120Hz,
VIN–VOUT=300mV,IOUT=2.5A
75
dB
VINRippleRejection
(Notes3,4,5)
VBIAS=2.5V,VRIPPLE=50mVP-P,fRIPPLE=120Hz,
VIN–VOUT=300mV,IOUT=2.5A
66
dB
ReferenceVoltageNoise
(REF/BYPPin)
CREF/BYP=10nF,BW=10Hzto100kHz
10
µVRMS
OutputVoltageNoise
VOUT=1V,IOUT=5A,CREF/BYP=10nF,COUT=15µF,
BW=10Hzto100kHz
25
µVRMS
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note 2:TheLT3070regulatorsaretestedandspecifiedunderpulseload
conditionssuchthatTJ≅TA.TheLT3070Eis100%testedatTA=25°C.
Performanceat–40°Cand125°Cisassuredbydesign,characterization
andcorrelationwithstatisticalprocesscontrols.TheLT3070Iis
guaranteedoverthe–40°Cto125°Coperatingjunctiontemperaturerange.
TheLT3070MPis100%testedandguaranteedoverthe–55°Cto125°C
operatingjunctiontemperaturerange.
Note 3:Tomaintainproperperformanceandregulation,theBIASsupply
voltagemustbehigherthantheINsupplyvoltage.ForagivenVOUT,the
BIASvoltagemustsatisfythefollowingconditions:2.2V≤VBIAS≤3.6V
andVBIAS≥(1.25•VOUT+1V).ForVOUT≤0.95V,theminimumBIAS
voltageislimitedto2.2V.
Note 4:Operatingconditionsarelimitedbymaximumjunction
temperature.Theregulatedoutputvoltagespecificationdoesnotapply
forallpossiblecombinationsofinputvoltageandoutputcurrent.When
operatingatmaximumoutputcurrent,limittheinputvoltagerangeto
VIN<VOUT+500mV.
Note 5:TheLT3070incorporatessafeoperatingareaprotectioncircuitry.
CurrentlimitdecreasesastheVIN-VOUTvoltageincreases.Currentlimit
foldbackstartsatVIN–VOUT>500mV.SeetheTypicalPerformance
CharacteristicsforagraphofCurrentLimitvsVIN–VOUTvoltage.The
currentlimitfoldbackfeatureisindependentofthethermalshutdown
circuity.
Note 6:Dropoutvoltage,VDO,istheminimuminputtooutputvoltage
differentialataspecifiedoutputcurrent.Indropout,theoutputvoltage
equalsVIN–VDO.
Note 7:GNDpincurrentistestedwithVIN=VOUT(NOMINAL)+300mVanda
currentsourceload.VIOCisabufferedoutputdeterminedbythevalueof
VOUTasprogrammedbytheVO2-VO0pins.VIOC’soutputisindependentof
themarginingfunction.
Note 8:ReverseoutputcurrentistestedwiththeINpinsgroundedandthe
OUT+SENSEpinsforcedtotheratedoutputvoltage.Thisismeasuredas
currentintotheOUT+SENSEpins.
Note 9:FrequencyCompensation:TheLT3070mustbefrequency
compensatedatitsOUTpinswithaminimumCOUTof15µFconfigured
asaclusterof(15
×)1µFceramiccapacitorsorasagraduatedcluster
of10µF/4.7µF/2.2µFceramiccapacitorsofthesamecasesize.Linear
TechnologyonlyrecommendsX5RorX7Rdielectriccapacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com