Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9148-36 Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza ICS9148-36
Descripción Electrónicos  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9148-36 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9148-36 Datasheet HTML 1Page - Integrated Device Technology ICS9148-36 Datasheet HTML 2Page - Integrated Device Technology ICS9148-36 Datasheet HTML 3Page - Integrated Device Technology ICS9148-36 Datasheet HTML 4Page - Integrated Device Technology ICS9148-36 Datasheet HTML 5Page - Integrated Device Technology ICS9148-36 Datasheet HTML 6Page - Integrated Device Technology ICS9148-36 Datasheet HTML 7Page - Integrated Device Technology ICS9148-36 Datasheet HTML 8Page - Integrated Device Technology ICS9148-36 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148- 36
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9148-36 Rev I 11/11/99
Pin Configuration
48-Pin SSOP
Power Groups
VDD1=REF(0:1),X1,X2
VDD2=PCICLK_F,PCICLK(0:5)
VDD3 = SDRAM (0:12), supply for PLL core
VDD4=AGP(1:2)
VDD5=FixedPLL,48MHz,AGP0
VDDL= CPUCLK(0:2)
* Internal Pull-up Resistor of
240K to 3.3V on indicated inputs
The ICS9148-36 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel PentiumPro
or Cyrix. Eight different reference frequency multiplying factors
are externally selectable with smooth frequency transitions.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9148-36
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection. The
SDRAM12 output may be used as a feed back into an off chip
PLL.
•
Generates the following system clocks:
-3CPU(2.5V/3.3V)upto100MHz.
-6PCI(3.3V)@ 33.3MHz
-3AGP(3.3V)@2x PCI
- 13 SDRAMs(3.3V) up to 100MHz
-1REF(3.3V)@14.318MHz
•
Skew characteristics:
- CPU – CPU<250ps
- CPU(early) – PCI : 1-4ns, Center 2-6ns
-AGP- PCI: 250ps
•
Supports Spread Spectrum modulation & I2C
programming for Power Management, Frequency Select
•
Efficient Power management scheme through PCI and
CPUSTOPCLOCKS.
•
Uses external 14.318MHz crystal
•
48pin300milSSOP.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Número de pieza similar - ICS9148-36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9148-36 ICST-ICS9148-36 Datasheet
537Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev I 11/11/99
More results

Descripción similar - ICS9148-36

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com