Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5125YVN400 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

No. de pieza MPC5125YVN400
Descripción Electrónicos  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125YVN400 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5125YVN400 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
73
Figure 37. Timing Diagram — I2C Input/Output
4.3.14
J1850
See the MPC5125 Reference Manual (MPC5125RM).
4.3.15
PSC
The programmable serial controllers (PSC) support different modes of operation (UART, codec, AC97, SPI).
All the timing numbers specified for different PSC modes are design targets.
4.3.15.1
Codec Mode (8-, 16-, 24-, and 32-Bit) / I2S Mode
Table 39. Timing Specifications — 8-, 16-, 24-, and 32-Bit CODEC/I2S Master Mode1
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit clock cycle time, programmed in CCS register
40.0
ns
A20.1
2
Clock duty cycle
45
50
55
%2
2 Bit clock cycle time.
A20.2
3
Bit clock fall time
7.9
ns
A20.3
4
Bit clock rise time
7.9
ns
A20.4
5
FrameSync valid after clock edge
8.4
ns
A20.5
6
FrameSync invalid after clock edge
8.4
ns
A20.6
7
Output data valid after clock edge
9.3
ns
A20.7
8
Input data setup time
6.0
ns
A20.8
1
2
3
4
5
6
78
9
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com