Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5125YVN400 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

No. de pieza MPC5125YVN400
Descripción Electrónicos  MPC5125 Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125YVN400 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC5125YVN400 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5125YVN400 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
79
Figure 43. Timing Diagram — SPI Master Mode, Format 1 (CPHA = 1)
Table 45. Timing Specifications — SPI Slave Mode, Format 1 (CPHA = 1) 1
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Sym
Description
Min
Max
Units
SpecID
1
SCK cycle time, programmable in the PSC CCS register
30.0
ns
A20.56
2
SCK pulse width, 50% SCK duty cycle
15.0
ns
A20.57
3
Slave select clock delay
0.0
ns
A20.58
4
Output data valid
14.0
ns
A20.59
5
Input data setup time
2.0
ns
A20.60
6
Input data hold time
1.0
ns
A20.61
7
Slave disable lag time
0.0
ns
A20.62
8
Minimum sequential transfer delay = 2
 IP bus clock cycle time
30.0
ns
A20.63
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Output
Output
Output
SS
Output
MISO
Input
1
22
7
8
3
4
6
10
9
9
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com