Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 276 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 276 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 272Page - Microsemi Corporation AFS600 Datasheet HTML 273Page - Microsemi Corporation AFS600 Datasheet HTML 274Page - Microsemi Corporation AFS600 Datasheet HTML 275Page - Microsemi Corporation AFS600 Datasheet HTML 276Page - Microsemi Corporation AFS600 Datasheet HTML 277Page - Microsemi Corporation AFS600 Datasheet HTML 278Page - Microsemi Corporation AFS600 Datasheet HTML 279Page - Microsemi Corporation AFS600 Datasheet HTML 280Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 334 page
background image
DC and Power Characteristics
3- 26
R e visio n 2
RAM Dynamic Contribution—PMEMORY
Operating Mode
PMEMORY = (NBLOCKS * PAC11 * β2 * FREAD-CLOCK) + (NBLOCKS * PAC12 * β3 * FWRITE-CLOCK)
NBLOCKS is the number of RAM blocks used in the design.
FREAD-CLOCK is the memory read clock frequency.
β
2 is the RAM enable rate for read operations—guidelines are provided in Table 3-17 on
page 3-27.
β
3 the RAM enable rate for write operations—guidelines are provided in Table 3-17 on page 3-27.
FWRITE-CLOCK is the memory write clock frequency.
Standby Mode and Sleep Mode
PMEMORY = 0 W
PLL/CCC Dynamic Contribution—PPLL
Operating Mode
PPLL = PAC13 * FCLKOUT
FCLKIN is the input clock frequency.
FCLKOUT is the output clock frequency.1
Standby Mode and Sleep Mode
PPLL = 0 W
Nonvolatile Memory Dynamic Contribution—PNVM
Operating Mode
The NVM dynamic power consumption is a piecewise linear function of frequency.
PNVM = NNVM-BLOCKS * β4 * PAC15 * FREAD-NVM when FREAD-NVM ≤ 33 MHz,
PNVM = NNVM-BLOCKS * β4 *(PAC16 + PAC17 * FREAD-NVM when FREAD-NVM > 33 MHz
NNVM-BLOCKS is the number of NVM blocks used in the design (2 inAFS600).
β
4 is the NVM enable rate for read operations. Default is 0 (NVM mainly in idle state).
FREAD-NVM is the NVM read clock frequency.
Standby Mode and Sleep Mode
PNVM = 0 W
Crystal Oscillator Dynamic Contribution—PXTL-OSC
Operating Mode
PXTL-OSC = PAC18
Standby Mode
PXTL-OSC = PAC18
Sleep Mode
PXTL-OSC = 0 W
1.
The PLL dynamic contribution depends on the input clock frequency, the number of output clock signals generated by the
PLL, and the frequency of each output clock. If a PLL is used to generate more than one output clock, include each output
clock in the formula output clock by adding its corresponding contribution (PAC14 * FCLKOUT product) to the total PLL
contribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com