Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AFS600 Datasheet(PDF) 279 Page - Microsemi Corporation

No. de pieza AFS600
Descripción Electrónicos  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 279 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 275Page - Microsemi Corporation AFS600 Datasheet HTML 276Page - Microsemi Corporation AFS600 Datasheet HTML 277Page - Microsemi Corporation AFS600 Datasheet HTML 278Page - Microsemi Corporation AFS600 Datasheet HTML 279Page - Microsemi Corporation AFS600 Datasheet HTML 280Page - Microsemi Corporation AFS600 Datasheet HTML 281Page - Microsemi Corporation AFS600 Datasheet HTML 282Page - Microsemi Corporation AFS600 Datasheet HTML 283Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 - 29
PS-CELL = 0 W
PC-CELL = 0 W
PNET = 0 W
PLOGIC = 0 W
I/O Input and Output Buffer Contribution—PI/O
This example uses LVTTL 3.3 V I/O cells. The output buffers are 12 mA–capable, configured with high
output slew and driving a 35 pF output load.
FCLK = 50 MHz
Number of input pins used: NINPUTS = 30
Number of output pins used: NOUTPUTS = 40
Estimated I/O buffer toggle rate:
α
2 = 0.1 (10%)
Estimated IO buffer enable rate:
β
1 = 1 (100%)
Operating Mode
PINPUTS = NINPUTS * (α2 / 2) * PAC9 * FCLK
PINPUTS = 30 * (0.1 / 2) * 0.01739 * 50
PINPUTS = 1.30 mW
POUTPUTS = NOUTPUTS * (α2 / 2) * β1 * PAC10 * FCLK
POUTPUTS = 40 * (0.1 / 2) * 1 * 0.4747 * 50
POUTPUTS = 47.47 mW
PI/O = PINPUTS + POUTPUTS
PI/O = 1.30 mW + 47.47 mW
PI/O = 48.77 mW
Standby Mode and Sleep Mode
PINPUTS = 0 W
POUTPUTS = 0 W
PI/O = 0 W
RAM Contribution—PMEMORY
Frequency of Read Clock: FREAD-CLOCK = 10 MHz
Frequency of Write Clock: FWRITE-CLOCK = 10 MHz
Number of RAM blocks: NBLOCKS = 20
Estimated RAM Read Enable Rate:
β
2 = 0.125 (12.5%)
Estimated RAM Write Enable Rate:
β
3 = 0.125 (12.5%)
Operating Mode
PMEMORY = (NBLOCKS * PAC11 * β2 * FREAD-CLOCK) + (NBLOCKS * PAC12 * β3 * FWRITE-CLOCK)
PMEMORY = (20 * 0.025 * 0.125 * 10) + (20 * 0.030 * 0.125 * 10)
PMEMORY = 1.38 mW
Standby Mode and Sleep Mode
PMEMORY = 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com